Part Number Hot Search : 
MURS360 1206I AP2006NA C1212 A144EE 1206I P6KE20 UMP11N11
Product Description
Full Text Search
 

To Download 50SMLJ11A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
5.0SMLJ11A THRU 5.0SMLJ170A
Transient Voltage Suppressor 11 to 170 Volts 5000 Watt
DO-214AB (SMCJ) (LEAD FRAME)
G
Features
For surface mount application in order to optimize board space Low profile package
*
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
Glass passivated junction Excellent clamping capability Repetition Rate( duty cycle): 0.01% Fast response time: typical less than 1ps from 0V to BV min Typical ID less than 1uA above 10V High temperature soldering: 260 C/10 seconds at terminals
o
* *
Low Inductance Built in strain relief UL Recognized File # E331408
D
H
Mechanical Data
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL rating 1
Terminals: solderable per MIL-STD-750, Method 2026
F
A
C
E B
Polarity: Color band denotes positive end( cathode) except Bi-directional types. Standard packaging: 16mm tape per ( EIA 481). Weight: 0.007 ounce, 0.21 gram
DIM A B C D E F G H INCHES MIN .079 .115 .002 .006 .030 ..305 .260 .220 MAX .103 .121 .008 .012 .050 .320 .280 .245
DIMENSIONS MM MIN 2.00 2.92 0.051 0.152 0.76 7.75 6.60 5.59
Maximum Ratings @ 25oC Unless Otherwise Specified Peak Pulse Current on IPPM See page 2,3 Amps 10/1000us waveform(Note1) Peak Pulse Power PPPM Minimum Watts Disspation on 10/1000us 5000 waveform(Note2,3) Peak forward surge IFSM) 300.0 Amps current (JEDEC Method) (Note 3,4) Operation And Storage TJ , -55o C to Temperature Range TSTG +150o C
Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
MAX 2.62 3.07 0.203 0.305 1.27 8.13 7.11 6.22
NOTE
SUGGESTED SOLDER PAD LAYOUT
0.280"
0.121"
0.060"
2. 3. 4.
Non-repetitive current pulse and derated above TA=25 C 2 Mounted on 8.0mm copper pads to each terminal. 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. Minutes maximum.
o
Revision: 4
www.mccsemi.com
1 of 4
2009/07/12
5.0SMLJ11A~ 5.0SMLJ170A
PART NUMBER REVERSE BREAKDOWN BREAKDOWN VOLTAGE STAND- OFF VOLTAGE VBR(V) VOLTAGE VBR(V) VRWM(V) MIN.@IT MAX.@IT 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86 92.1 95.8 104 111 123 135 147 159 185 197 209 TEST CURRENT IT (mA) 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @Ipp Vc(V) 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
MCC
TM
Micro Commercial Components
PEAK PULSE CURRENT Ipp (A) 275 252 233 216 205 193 181 172 155 141 129 119 110 103 93.9 86.1 77.6 72.1 68.8 64.7 60.7 57.5 53.5 51.7 48.6 44.3 41.4 39.7 36.5 34.3 30.9 28.3 26 24 20.6 19.3 18.2
REVERSE LEAKAGE @VRWM ID(A) 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
DEVICE MARKING CODE 5PEN 5PEP 5PEQ 5PER 5PES 5PET 5PEU 5PEV 5PEW 5PEX 5PEZ 5PFE 5PFG 5PFK 5PFM 5PFP 5PFR 5PFT 5PFV 5PFX 5PFZ 5RGE 5PGG 5PGK 5PGM 5PGP 5PGR 5PGT 5PGV 5PGX 5PGZ 5PHE 5PHG 5PHK 5PHM 5PHP 5PHR
5.0SMLJ 11A 5.0SMLJ 12A 5.0SMLJ 13A 5.0SMLJ 14A 5.0SMLJ 15A 5.0SMLJ 16A 5.0SMLJ 17A 5.0SMLJ 18A 5.0SMLJ 20A 5.0SMLJ 22A 5.0SMLJ 24A 5.0SMLJ 26A 5.0SMLJ 28A 5.0SMLJ 30A 5.0SMLJ 33A 5.0SMLJ 36A 5.0SMLJ 40A 5.0SMLJ 43A 5.0SMLJ 45A 5.0SMLJ 48A 5.0SMLJ 51A 5.0SMLJ 54A 5.0SMLJ 58A 5.0SMLJ 60A 5.0SMLJ 64A 5.0SMLJ 70A 5.0SMLJ 75A 5.0SMLJ 78A 5.0SMLJ 85A 5.0SMLJ 90A 5.0SMLJ 100A 5.0SMLJ 110A 5.0SMLJ 120A 5.0SMLJ 130A 5.0SMLJ 150A 5.0SMLJ 160A 5.0SMLJ 170A
Revision: 4
www.mccsemi.com
2 of 4
2009/07/12
MCC
5.0SMLJ11CA~ 5.0SMLJ45CA
PART NUMBER REVERSE BREAKDOWN BREAKDOWN VOLTAGE STAND- OFF VOLTAGE VBR(V) VOLTAGE VBR(V) VRWM(V) MIN.@IT MAX.@IT 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40 44.4 47.8 50 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 TEST CURRENT IT (mA) 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @Ipp Vc(V) 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7
TM
Micro Commercial Components
PEAK PULSE CURRENT Ipp (A) 275 252 233 216 205 193 181 172 155 141 129 119 110 103 93.9 86.1 77.6 72.1 68.8
REVERSE LEAKAGE @VRWM ID(A) 800 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5
DEVICE MARKING CODE 5BEN 5BEP 5BEQ 5BER 5BES 5BET 5BEU 5BEV 5BEW 5BEX 5BEZ 5BFE 5BFG 5BFK 5BFM 5BFP 5BFR 5BFT 5BFV
5.0SMLJ 11CA 5.0SMLJ 12CA 5.0SMLJ 13CA 5.0SMLJ 14CA 5.0SMLJ 15CA 5.0SMLJ 16CA 5.0SMLJ 17CA 5.0SMLJ 18CA 5.0SMLJ 20CA 5.0SMLJ 22CA 5.0SMLJ 24CA 5.0SMLJ 26CA 5.0SMLJ 28CA 5.0SMLJ 30CA 5.0SMLJ 33CA 5.0SMLJ 36CA 5.0SMLJ 40CA 5.0SMLJ 43CA 5.0SMLJ 45CA
For Bidirectional type having Vrwm of 20 volts and less,the Ir limit is double.
Revision: 4
www.mccsemi.com
3 of 4
2009/07/12
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 4
4 of 4
2009/07/12
3


▲Up To Search▲   

 
Price & Availability of 50SMLJ11A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X